Part Number Hot Search : 
11EFS2 2G153K 0LT1G S5128 P3055L XC4000D KIA6901F 00906
Product Description
Full Text Search
 

To Download B250S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
GALAXY ELECTRICAL
BRIDGE RECTIFIERS CURRENT: DB - S
B40S - - - B500S
VOLTAGE RANGE: 80 -- 1000 V
GLASS PASSIVATED SILICON
0.8 A
FEATURES
Rating to 1000 V Low forward voltage drop Small size,plastic case Glass passivated junction Weight: 0.016 ounces, 0.45grams Mounting position: Any
inch(mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate current by 20%.
B40S B80S B125S B250S B380S B500S UNITS
Maximum alternating input voltage Repetitive peak reverse voltage Maximum average forward rectified output current Peak forward surge current 8.3ms single half-sine-wave Maximum forwand voltage drop per element at 0.4 A Maximum reverse current @TA=25 at rated DC blocking voltage per element @TA=125 Thermal resistance junction to ambient air Operating temperature range Storage temperature range @Tc= 50 VVRMS VRRM I(AV) IFSM VF IR 0.5 RJA Tj TSTG 60 - 55 --- + 150 - 55 --- + 150
www.galaxycn.com
50 80
110 160
170 250 0.8 40 1.1 10.0
420 600
560 800
700 1000
V V A A V A mA K/W
Document Number 0287122
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 --FORWARD DERATING CURVE AVERAGE FORWARD CURRENT, PEAK FORWARD SURGE CURRENT AMPERES
0.8
RESISTIVE OR INDUCTIVE LOAD
B40S - - - B500S
FIG.2 -- PEAK FORWARD SURGE CURRENT
0.7
50
AMPERES
0.6 0.5 0.4 0.3 0.2 0.1 0 0 25 50 75 100 125 150 175 200
40
30
TJ=125 C 8.3ms Single Half sine-wave
0
20
10
0
1
10
100
CASE TEMPERATURE, FIG.3 -- TYPICAL FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT,
1
NUMBER OF CYCLES FIG.4 -- TYPICAL REVERSE CHARACTERISTIC INSTANTANEOUS REVERSE CURRENT, MICRO AMPERES
100
0.1
10
TJ=125
T 25 J=
AMPERES
1.0
0.01
P LS W T = 0 U E ID H 3 0US 1%D T C C E UY Y L
0.1
TJ=25
.01
0.001 0.2 0.4 0.6 0.8 1.0 1.2 1.4
0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.5 -- TYPICAL JUNCTION CAPACITANCE PERELEMENT JUNCTION CAPACITANCE, pF
30 25 20 15 10 5.0
TJ=25ae f=1.0MHz Vsig=50mVp-p
0.1
1
4
10
100
110
REVERSE VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0287122
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of B250S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X